Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPX-25T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NPX-25T
Description  SELECTION GUIDE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPX-25T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NPX-25T Datasheet HTML 3Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 4Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 5Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 6Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 7Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 8Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 9Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 10Page - List of Unclassifed Manufacturers NPX-25T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Publication No: US-GPL-SG-002 - July 2006
www.enersys.com
There is no need to limit the inrush current to the battery
during the initial phase of constant voltage charging.
The low internal resistance of GENESIS batteries allows
for large inrush current without damage.
Since not all of the charge returned is accepted to
replenish the electro-chemical potential, a good rule of
thumb to use is that the charge returned should be 105%
to 110% of the capacity delivered on the previous
discharge.
Most current waveforms are not pure DC nor are they
pure sine waves. Therefore, consult the EnerSys
Application Support Department for assistance when
evaluating the charger current waveforms for your
specific application.
Internal
Nominal
res. of fully
short circuit
Brass
Products
Capacity
Part
charged cell
current for
Length
Width
Height
Weight
Terminal
Number
m
Ω@25°C chargedbattery in. mm in. mm
in.
mm
lb.
kg
(metric)
G13EP
13Ah
0770-2007
8.5
1,400A
6.910
175.51
3.282
83.36
5.113
129.87
10.8
4.9
M6 w/ss
hardware
G13EPX
13Ah
0770-2003
8.5
1,400A
6.998
177.75
3.368
85.55
5.165
131.19
12.0
5.4
M6 w/ss
hardware
G16EP
16Ah
0769-2007
7.5
1,600A
7.150
181.61
3.005
76.33
6.605
167.77
13.5
6.1
M6 w/ss
hardware
G16EPX
16Ah
0769-2003
7.5
1,600A
7.267
184.58
3.107
78.92
6.666
169.32
14.7
6.7
M6 w/ss
hardware
G26EP
26Ah
0765-2001
5.0
2,400A
6.565
166.75
6.920
175.77 4.957
125.91
22.3
10.1
M6 w/ss
hardware
G26EPX
26Ah
0765-2003
5.0
2,400A
6.636
168.55
7.049
179.04 5.040
128.02
23.8
10.8
M6 w/ss
hardware
G42EP
42Ah
0766-2001
4.5
2,600A
7.775
197.49
6.525
165.74 6.715
170.56
32.9
14.9
M6 w/ss
hardware
G42EPX
42Ah
0766-2003
4.5
2,600A
7.866
199.80
6.659
169.14 6.803
172.80
35.1
15.9
M6 w/ss
hardware
G70EP
70Ah
0771-2001
3.5
3,500A
13.020
330.71
6.620
168.15 6.930
176.02
53.5
24.3
M6 w/ss
hardware
G70EPX
70Ah
0771-2003
3.5
3,500A
13.020
330.71
6.620
168.15 6.930
176.02
56.0
25.4
M6 w/ss
hardware
DIMENSIONS
GENESIS product family (All capacities at 10 hr. rate 25°C to 1.67Vpc)
GENESIS EP:
X denotes metal jacket design for extreme duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com