Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H34063AP Datasheet(PDF) 5 Page - Hi-Sincerity Mocroelectronics

Part # H34063AP
Description  DC-TO-DC Converter Integrate Circuit Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AP Datasheet(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  H34063AP Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 1999.06.01
Page No. : 5/6
HSMC Product Specification
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
Fig.5 Step-Down Converter With External PNP Saturation Switch
Vout
Vin
H34063AP
R2
R1
Q1
L1
D1
RSC
C1
RA
RB
Cout
CT
Fig.6 Voltage Inverting Converter
Vout
-12V / 100mA
Cout
470
µF
L1
100
µH
D1 H1N5819
CT
680
ρF
H34063AP
RSC
0.25
C1
100
µF
RB
8.2k
Ω
RA
953
Ω
Vin
4.5V-6V
Line Regulation : 20mV (Vin=4.5V~6V, @Io=100mA)
Load Regulation : 100mV (Vin=5V, @Io=10mA~100mA)
Fig.7 Voltage Inverting Converter With External PNP Saturation Switch
Vout
Cout
D1
L1
R1
R2
H34063AP
CT
RSC
RA
RB
C1
Vin
Q1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com