Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C4096 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C4096
Description  Low-power CMOS operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C4096 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C4096 Datasheet HTML 1Page - ATMEL Corporation AT27C4096 Datasheet HTML 2Page - ATMEL Corporation AT27C4096 Datasheet HTML 3Page - ATMEL Corporation AT27C4096 Datasheet HTML 4Page - ATMEL Corporation AT27C4096 Datasheet HTML 5Page - ATMEL Corporation AT27C4096 Datasheet HTML 6Page - ATMEL Corporation AT27C4096 Datasheet HTML 7Page - ATMEL Corporation AT27C4096 Datasheet HTML 8Page - ATMEL Corporation AT27C4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
0311J–EPROM–4/11
Atmel AT27C4096
2.
Pin configurations
Note:
Both GND pins must be
connected
3.
System considerations
Switching between active and standby conditions via the chip enable pin may produce transient voltage excursions. Unless
accommodated by the system design, these transients may exceed datasheet limits, resulting in device nonconformance.
At a minimum, a 0.1µF, high-frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This
capacitor should be connected between the V
CC and ground terminals of the device, as close to the device as possible.
Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7µF bulk electrolytic
capacitor should be utilized, again connected between the V
CC and ground terminals. This capacitor should be positioned as
close as possible to the point where the power supply is connected to the array.
Figure 3-1.
Block diagram
Pin name
Function
A0 - A17
Addresses
O0 - O15
Outputs
CE
Chip enable
OE
Output enable
NC
No connect
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
O12
O11
O10
O9
O8
GND
NC
O7
O6
O5
O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
44-lead PLCC
Top view
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VPP
CE
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
40-lead PDIP
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com