Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7809BA Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H7809BA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7809BA Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H7809BA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7809BA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7809BA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200110
Issued Date : 1998.08.01
Revised Date : 2000.11.29
Page No. : 2/3
H7809AA, 7809BA
HSMC Product Specification
Electrical Characteristics
Vin=15V, Iout=40mA, 0
°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
H7809AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.73
9
9.27
1mA
≤Io≤70mA
8.55
-
9.45
Vo
Output Voltage
1mA
≤Io≤40mA and
11.5V
≤Vin≤24V
8.55
-
9.45
V
Tj=25
°C, 11.5V≤Vin≤24V
-
-
200
∆Vo
Line Regulation
Tj=25
°C, 13V≤Vin≤24V
-
-
150
mV
Tj=25
°C, 1mA≤Io≤40mA
--
45
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
--
90
mV
IQ
Quiescent Current
Tj=25
°C
--
5.5
mA
1mA
≤Io≤40mA
--
0.1
∆IQ
Quiescent Current
Change
11.5V
≤Vin≤24V
--
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-70
-
uV
∆Vin / ∆Vout Ripple Rejection
15V
≤Vin≤25V, f=120Hz
38
44
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-1.7
-
V
H7809BA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.55
9
9.45
1mA
≤Io≤70mA
8.5
-
9.5
Vo
Output Voltage
1mA
≤Io≤40mA and
11.5V
≤Vin≤24V
8.5
-
9.5
V
Tj=25
°C, 11.5V≤Vin≤24V
-
-
200
∆Vo
Line Regulation
Tj=25
°C, 13V≤Vin≤24V
-
-
150
mV
Tj=25
°C, 1mA≤Io≤40mA
--
45
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
--
90
mV
IQ
Quiescent Current
Tj=25
°C
--
5.5
mA
1mA
≤Io≤40mA
--
0.1
∆IQ
Quiescent Current
Change
11.5V
≤Vin≤24V
--
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-70
-
uV
∆Vin / ∆Vout Ripple Rejection
15V
≤Vin≤25V, f=120Hz
38
44
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-1.7
-
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com