Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7809AI Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H7809AI
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7809AI Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H7809AI Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7809AI Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7809AI Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 2001.07.20
Page No. : 2/3
H7809AI, H7809BI
HSMC Product Specification
Electrical Characteristics
Vin=15V, Io=500mA, 0
°C≤Tj≤125°C (unless otherwise noted)
H7809AI
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.73
9
9.27
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
8.73
9
9.27
V
Tj=25
°C, 11.5V≤Vin≤25V
-6
90
∆Vo
Line Regulation
Tj=25
°C, 12V≤Vin≤25V
-2
45
mV
5mA
≤Io≤1A
-
-
100
∆Vo
Load Regulation
250mA
≤Io≤750mA
--
50
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-5.5
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
11.5V
≤Vin≤26V
--
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
-
200
uV
RR
Ripple Rejection
13V
≤Vin≤23V, f=120Hz
-68
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2
-
V
Isc
Short Circuit Current
Tj=25
°C
-1.5
-
A
Ipk
Peak Output Current
Tj=25
°C
1.7
-
-
A
∆Vo / ∆T
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
--0.8-
mV/
°C
H7809BI
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.64
9
9.36
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
8.55
9
9.45
V
Tj=25
°C, 11.5V≤Vin≤25V
-
4
100
∆Vo
Line Regulation
Tj=25
°C, 12V≤Vin≤25V
-2
50
mV
5mA
≤Io≤1A
-
-
180
∆Vo
Load Regulation
250mA
≤Io≤750mA
--
90
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-5.5
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
11.5V
≤Vin≤26V
--
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
-
300
uV
RR
Ripple Rejection
13V
≤Vin≤23V, f=120Hz
62
73
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2.5
-
V
Isc
Short Circuit Current
Tj=25
°C
-1.5
-
A
Ipk
Peak Output Current
Tj=25
°C
1.7
-
-
A
∆Vo / ∆T
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
--0.8-
mV/
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com