Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E20 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # E20
Description  5 current ratings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

E20 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  E20 Datasheet HTML 1Page - Cherry Semiconductor Corporation E20 Datasheet HTML 2Page - Cherry Semiconductor Corporation E20 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
49
Dimensions — Single Pole inches (mm)
Actuators — Single Pole
Standard type integral hinged lever and
roller actuators are available in choice of
two mounting positions. Actuation lengths
are dimensioned from centerline of switch
mounting hole as shown.
“J” & “M” Type
Optional Hardware — Single Pole
Brass Hex Nut
0012-0023
Brass Knurled Nut
0012-0025
Brass Hex Nut
0012-0028
(Nickel-Plated)
Brass Knurled Nut
0012-0026
(Nickel-Plated)
Star Washer (Lockwasher)
0012-0073
Specifications subject to change without notice.
Ordering Information
Select the current rating you need.
Combine the corresponding Series/Prefix
number with the appropriate suffix number
for the switch you need.
Circuitry — Single Pole
Contact arrangement available in choice of
single pole double throw or single pole sin-
gle throw, either normally open or normally
closed. In general, normally open may be
specified by changing suffix number from
00 to 01 and normally closed by changing
suffix number to 02.
Example: E13-00E is double throw,
E13-01E is normally open, and E13-02E
is normally closed.
Mounting — Single Pole
Recommended mounting screw: #6-32
round head. Recommended torque on screw:
6 inch lbs. max. Recommended maximum
torque for ferrule: 20 inch pounds
Terminals — Single Pole
Standard 0.250″ x 0.032″ (6.35mm x 0.81mm)
[Optional 0.187″ x 0.032″ (4.75mm x 0.81mm)]
QC terminals can be furnished with angle
formed up or down. Forms include straight
30°, 45°, 85° up or down. Other forms can
be provided.
Actuator Specifications — Single Pole
Maximum Maximum
Operating
Minimum
Max. Movement Actuation
Operating Pre-Travel
Point*
Over-Travel
Differential
Length**
Series/
Actuator
Switch
Force
inches
inches
inches
inches
inches
Prefix
Type
Type
(g)
(mm)
(mm)
(mm)
(mm)
(mm)
E13/G13
–00E
425
0.050
0.285±0.020
0.100
0.015
—
(1.27)
(7.24±0.51)
(2.54)
(0.38)
E14/E29/E30 –00A
850
0.100
0.248±0.026
0.050
0.015
—
(2.54)
(6.30±0.66)
(1.27)
(0.38)
E13/G13
–00J
425
0.050
0.670±0.030
0.108
0.015
—
(1.27)
(17.02±0.76)
(2.74)
(0.38)
E14/E29/E30
850
0.100
0.633±0.030
0.050
0.015
—
(2.54)
(16.08±0.76)
(1.27)
(0.38)
E13/G13
–00M
425
0.050
0.812±0.030
0.218
0.015
—
(1.27)
(20.63±0.76)
(5.54)
(0.38)
E14/E29/E30
850
0.100
0.775±0.030
0.168
0.015
—
(2.54)
(19.69±0.76)
(4.27)
(0.38)
E13/G13
–00H
100
0.250
0.312±0.062
0.187
0.093
1.500
(6.35)
(7.93±1.57)
(4.75)
(2.36)
(38.10)
E14/E29/E30†
285
0.312
0.468±0.062
0.105 ***
0.050
0.821
(7.93)
(11.89±1.57)
(2.67)
(1.27)
(20.85)
E13/G13
–50H
65
0.343
0.281±0.062
0.187
0.140
1.750
(8.71)
(7.14±1.57)
(4.75)
(3.56)
(44.45)
E14/E29/E30†
170
0.525
0.437±0.062
0.218
0.080
1.071
(13.34)
(11.10±1.57)
(5.54)
(2.03)
(27.20)
E13/G13
–00K
100
0.250
0.718±0.062
0.187
0.093
1.391
(6.35)
(18.24±1.57)
(4.75)
(2.36)
(35.33)
E14/E29/E30†
285
0.348
0.860±0.062
0.130
0.045
0.688
(8.84)
(21.84±1.57)
(3.30)
(1.14)
(17.47)
E13/G13
–50K
63
0.403
0.687±0.062
0.187
0.093
1.625
(10.24)
(17.45±1.57)
(4.75)
(2.36)
(41.28)
E14/E29/E30†
211
0.483
0.828±0.062
0.218
0.073
0.943
(12.27)
(21.03±1.57)
(5.54)
(1.85)
(23.95)
* Measured above reference line. Refer to dimensional drawing above.
**Actuator tolerance ±0.031 inches (0.79mm).
†E14, E29 and E30 actuators are shorter and formed up 11° at the button.
*** E30 minimum over- travel is 0.150 (3.81).
 G13 and E30 have operating point tolerances of ± 0.30.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com