Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3K Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # ES3K
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

ES3K Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  ES3K Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED ES3K Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
ES3A THRU ES3M
MAKO SEMICONDUCTOR
2 of 2
PERCENT OF RATED PEAKREVERSE VOLTAGE, (%)
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.1
1.0
10
1000
100
60
80
100
TJ = 25 C
TJ = 125 C
FIG.1 - FORWARD CURRENT DERATING CURVE
20
60
80
100
120
0.8
0
40
0.4
140
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
1.0
0.6
0.2
LEAD TEMPERATURE , C
160
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 - TYPICALFORWARD CHARACTERISTICS
0.8
1.0
1.8
0.6
0.1
1.0
10
1.2
1.4
1.6
.01
TJ = 25 C
PULSEWIDTH:300us
ES3AB-ES3DB
ES3GB
ES3JB
0
0.2
0.4
FIG.2 - MAXIMUM NON-REPETITIVE SU RGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
510
50
100
2
20
0
20
40
100
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
60
80
50V-1000V
3.0A
ES3A THRU ES3M
SU R FA CE M O UNT R EC T IFIER
MAKOSEMICONDUCTOR.,CO.LTD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com