Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7818BE Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7818BE
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7818BE Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7818BE Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7818BE Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7818BE Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200109
Issued Date : 1998.07.01
Revised Date : 2001.12.17
Page No. : 1/3
H7818AE, H7818BE
HSMC Product Specification
H7818AE
H7818BE
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
The H7818_E series of three-terminal positive regulators are availa-
ble in the TO-220AB package. These regulators can provide local on
-card regulation, eliminating the distribution problems associated with single point regulation.
Each employs internal current limiting, thermal shut-down and safe operating area protection,
making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A
output current. Although designed primarily as fixed voltage regulators, these devices can be
used with external components to obtain adjustable voltages and currents.
H7818_E is characterized for operation from 0
°C to +125°C, and if operating temperature is
always high, please refer to the power dissipation curve.
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage....................................................................................................................... 35 V
• Total Power Dissipation..................................................................................... Internally limited
• Operating Temperature Range .......................................................................... 0 °C to +125 °C
• Maximum Junction Temperature...................................................................................... 125 °C
• Storage Temperature Range........................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 230 °C
Schematic Diagram
Typical Application
6.3V
3.4K
200
10K
200
1K
2K
0.3
26
4K
20pF
4K
1K
12.1K
1.2
26
1.9K
30K
VREF
Input
Output
GND
TO-220
H7818_E
Vout
Vin
3
1
2
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.


Similar Part No. - H7818BE

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7818 HUASHAN-H7818 Datasheet
347Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7818A HUASHAN-H7818A Datasheet
230Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
More results

Similar Description - H7818BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com