Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL101 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RL101
Description  PASSIVATED SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RL101 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RL101 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL101 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL101 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL101 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0557, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
RL101-RL207
MARKING DIAGRAM
Where XXXXX is YYWWL
RL101
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
ORDERING INFORMATION
Device
Package
Shipping
RL101-RL107
A-405
(Pb-Free)
5000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


Similar Part No. - RL101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL101 GOOD-ARK-RL101 Datasheet
199Kb / 2P
GENERAL PURPOSE PLASITC RECTIFIER
logo
Micro Commercial Compon...
RL101 MCC-RL101 Datasheet
78Kb / 3P
1 Amp Rectifier 50 - 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101 DAESAN-RL101 Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
1.0A Standard Rectifier
More results

Similar Description - RL101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
FM4006-T RECTRON-FM4006-T Datasheet
437Kb / 10P
PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
PASSIVATED SILICON RECTIFIER
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com