Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H78M12AT Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H78M12AT
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78M12AT Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H78M12AT Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H78M12AT Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78M12AT Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.01.01
Revised Date : 2001.05.21
Page No. : 2/3
H78M12AT, H78M12BT
HSMC Product Specification
Electrical Characteristics
• H78M12AT
Vin=19V, Io=350mA, 0
°C≤Tj≤125°C, PD≤5W, unless otherwise specified
Symbol
Characteristic
Min
Typ
Max
Units
Vo
Output Voltage (Tj=25
°C)
11.64
12
12.36
V
Vo
Output Voltage (14.5V
≤Vin≤27V, 5mA≤Io≤350mA)
11.52
12
12.48
V
Line Regulation (Tj=25
°C, Io=200mA), 14.5V≤Vin≤30V
-
20
100
Regline
Line Regulation (Tj=25
°C, Io=200mA), 16V≤Vin≤30V
-16
50
mV
Load Regulation (Tj=25
°C), 5mA≤Io≤500mA
-
-
220
Regload
Load Regulation (Tj=25
°C), 5mA≤Io≤200mA
-
-
110
mV
IB
Quiescent Current (Tj=25
°C)
-3.2
6
mA
Quiescent Current Change (Tj=25
°C), 14.5V≤Vin≤30V, Io=200mA
--
0.8
∆IB
Quiescent Current Change (Tj=25
°C), 5mA≤Io≤350mA
--
0.5
mA
RR
Ripple Rejection, 15V
≤Vin≤25V, Io=300mA, f=120Hz
55
-
-
dB
Vi-Vo
Dropout Voltage (Io=500mA, Tj=25
°C)
-2
-
V
VN
Output Noise Voltage (Tj=25
°C), 10Hz≤f≤100KHz
-
75
160
uV
Isc
Short Circuit Current Limit (Tj=25
°C), Vin=35V
-
300
-
mA
Imax
Peak Output Current (Tj=25
°C)
-
700
-
mA
TCVo
Average Temperature Coefficient of Output Voltage, Io=5mA
-
-0.5
-
mV/
°C
• H78M12BT
Vin=19V, Io=350mA, 0
°C≤Tj≤125°C, PD≤5W, unless otherwise specified
Symbol
Characteristic
Min
Typ
Max
Units
Vo
Output Voltage (Tj=25
°C)
11.4
12
12.6
V
Vo
Output Voltage (14.5V
≤Vin≤27V, 5mA≤Io≤350mA)
11.4
12
12.6
V
Line Regulation (Tj=25
°C, Io=200mA), 14.5V≤Vin≤30V
-
20
120
Regline
Line Regulation (Tj=25
°C, Io=200mA), 16V≤Vin≤30V
-16
60
mV
Load Regulation (Tj=25
°C), 5mA≤Io≤500mA
-
-
240
Regload
Load Regulation (Tj=25
°C), 5mA≤Io≤200mA
-
-
120
mV
IB
Quiescent Current (Tj=25
°C)
-3.2
6
mA
Quiescent Current Change (Tj=25
°C), 14.5V≤Vin≤30V, Io=200mA
--
1
∆IB
Quiescent Current Change (Tj=25
°C), 5mA≤Io≤350mA
--
0.6
mA
RR
Ripple Rejection, 15V
≤Vin≤25V, Io=300mA, f=120Hz
55
-
-
dB
Vi-Vo
Dropout Voltage (Io=500mA, Tj=25
°C)
-2
-
V
VN
Output Noise Voltage (Tj=25
°C), 10Hz≤f≤100KHz
-
75
180
uV
Isc
Short Circuit Current Limit (Tj=25
°C), Vin=35V
-
300
-
mA
Imax
Peak Output Current (Tj=25
°C)
-
700
-
mA
TCVo
Average Temperature Coefficient of Output Voltage, Io=5mA
-
-0.5
-
mV/
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com