Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBC237 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBC237
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBC237 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBC237 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBC237 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBC237 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HBC237 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6446-B
Issued Date : 1992.11.25
Revised Date : 2000.09.20
Page No. : 1/4
HSMC Product Specification
HBC237
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HBC237 is primarily intended for in driver stage of audio
amplifiers.
Features
High Breakdown Voltage: 45V at IC=2mA
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCES Collector to Emitter Voltage...................................................................................... 50 V
VCEO Collector to Emitter Voltage ..................................................................................... 45 V
VEBO Emitter to Base Voltage ............................................................................................. 5 V
IC Collector Current ...................................................................................................... 100 mA
Characteristics (Ta=25
°C, *Pulse Test : Pulse Width ≤380us, Duty Cycle≤2%)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCES
50
-
-
V
IC=100uA, VEB=0
BVCEO
45
-
-
V
IC=2mA, IB=0
BVEBO
6
-
-
V
IE=100uA, IC=0
ICES
-
-
15
nA
VCB=50V, IE=0
IEBO
-
-
100
nA
VEB=4V, IC=0
VBE(on)
550
-
700
mV
IC=2mA, VCE=5V
*VCE(sat)1
-
-
200
mV
IC=10mA, IB=0.5mA
*VCE(sat)2
-
-
600
mV
IC=100mA, IB=5mA
*VBE(sat)1
-
-
1.05
V
IC=100mA, IB=5mA
*VBE(sat)2
-
-
830
mV
IC=10mA, IB=0.5mA
*hFE1
50
-
-
VCE=5V, IC=10uA
*hFE2
120
-
800
VCE=5V, IC=2mA
*hFE3
60
-
-
VCE=5V, IC=100mA
fT
150
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
Cob
-
-
4.5
PF
VCB=10V, IE=0, f=1MHz
Classification of hFE2
Rank
A
B
C
Range
120-220
180-460
300-800


Similar Part No. - HBC237

ManufacturerPart #DatasheetDescription
logo
Power-One
HBC25ZH POWER-ONE-HBC25ZH Datasheet
426Kb / 7P
HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results

Similar Description - HBC237

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com