Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-10-R-XX Datasheet(PDF) 1 Page - Tyco Electronics

Part # S02-10-R-XX
Description  SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

S02-10-R-XX Datasheet(HTML) 1 Page - Tyco Electronics

  S02-10-R-XX Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
300 Constitution Drive
Menlo Park, CA 94025, USA
THERMOFIT
DEVICES
TITLE:
SOLDERSLEEVE SHIELD TERMINATION
ENVIRONMENT RESISTANT WITH LEAD
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
S02-07/-08/-10-R-XX
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for
their application.
DCR NUMBER:
D000419
REPLACES:
N/A
DRAWN BY:
M. FORONDA
DATE:
27-Sept-00
PROD. REV.
SEE TABLE
DOC ISSUE:
2
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 12-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision
Product Revision
Component Dimensions
Cable Dimensions
Product
Name
Ident.
Code
L
±1.75
(L
±0.07)
øB
min
øC
min
H
min
øD
max
øE
max
øF
min
øG
max
S02-07-R-XX
*
SIZE2R
16.5
(0.650)
2.65
(0.105)
3.68
(0.140)
8.25
(0.325)
2.65
(0.105)
3.68
(0.140)
1.40
(0.055)
0.72
(0.030)
S02-08-R-XX
*
SIZE3R
16.5
(0.650)
4.30
(0.170)
5.08
(0.200)
8.25
(0.325)
4.30
(0.170)
5.08
(0.200)
2.15
(0.085)
1.25
(0.050)
S02-10-R-XX
*
SIZE5R
19.1
(0.750)
7.00
(0.275)
7.60
(0.300)
8.25
(0.325)
7.00
(0.275)
7.60
(0.300)
4.30
(0.170)
2.50
(0.100)
* Consult Raychem for individual product revision. Contains more than 1 part name.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: Color change violet to colorless.
3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: blue.
4. PRE-INSTALLED LEAD: MIL-W-22759/32-22-XX*. (Raychem 55A0111-22-XX*)
*XX: Part name and lead callout shall be replaced with lead color designation per MIL-STD-681.
Colors available: solid and with single stripe.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 105
°C minimum, meeting
the dimensional criteria listed and having tin or silver plated shields and insulation compatible with the insert material.
For compatible insulations, see SAE-AS83519/2 or consult Raychem.
2. When installed per Raychem process standard RCPS-100-70, assemblies will meet those requirements of Raychem
Specification RT-1404 and SAE-AS83519/2.
3. For assembly information, refer to Raychem document RCPS-100-70.
4. Parts shall be marked with identification code per table.
For best results,prepare the cable as shown:
- Strip length of shield: 6.35 – 8.25 (.250 - .325)
- Use methods (a) or (b) with cable rated for 125
°C and above. Use method (c) for cables rated for 105°C and cable with spiral
wrapped shields.
a) Window Strip
b) End Strip
c) End Strip with Fold Back


Similar Part No. - S02-10-R-XX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-12-RCS453 MACOM-S02-12-RCS453 Datasheet
120Kb / 2P
SPECIFICATION CONTROL DRAWING
More results

Similar Description - S02-10-R-XX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-155-3802 MACOM-B-155-3802 Datasheet
105Kb / 1P
SOLDERSLEEVE ONE STEP SHIELD TERMINATOR, LEAD-FREE
012361-000 MACOM-012361-000 Datasheet
106Kb / 1P
SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
021174-000 MACOM-021174-000 Datasheet
106Kb / 1P
SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
2-1194651-7 MACOM-2-1194651-7 Datasheet
113Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
logo
TE Connectivity Ltd
SO63-A-55-GA-CL TEC-SO63-A-55-GA-CL Datasheet
95Kb / 1P
SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
SO96-X-00 TEC-SO96-X-00 Datasheet
69Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR IMMERSION RESISTANT, HIGH TEMP.
SO96-X-01 TEC-SO96-X-01 Datasheet
92Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID HIGH TEMPERATURE
SO96-X-55-22-90 TEC-SO96-X-55-22-90 Datasheet
76Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH LEADS, HIGH TEMPERATURE IMMERSION RESISTANT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com