Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2200 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SB2200
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB2200 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB2200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2200 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0878, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB2200
SB2200 SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Disk drives
Battery charging
Features:
Schottky Barrier Chip
Ideally Suited for Automatic Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 50A Peak
For Use in Low Voltage Application
Guard Ring Die Construction
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Green Products in Compliance with the RoHS Directive
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
DO-15


Similar Part No. - SB2200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB2200 CTC-SB2200 Datasheet
68Kb / 2P
SCHOTTKY BARRIER RECTIFIERS (DO-41)
SB2200 CTC-SB2200 Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
Sirectifier Global Corp...
SB2200 SIRECT-SB2200 Datasheet
222Kb / 2P
Power Schottky Rectifier - 2Amp 150~200Volt
logo
Micro Commercial Compon...
SB2200 MCC-SB2200 Datasheet
234Kb / 3P
2 Amp Schottky Barrier Rectifier 200 Volts
logo
Rugao Dachang Electroni...
SB2200 DACHANG-SB2200 Datasheet
116Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB2200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com