Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2PB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E2PB
Description  77SC66p33e..c4422-0220..22362510710 Mild Steel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E2PB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E2PB Datasheet HTML 1Page - List of Unclassifed Manufacturers E2PB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00357 C
Junction Boxes Pushbutton EnclosurEs
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00357
c763.422.2211
763.422.2600
Mild steel
Junction Boxes
PushButton enclosures
30.5-MM and 22.5-MM PushButton enclosures, tyPe 12
industry standards
UL 508A Listed; Type 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E61997
NEMA/EEMAC Type 12, 13
CSA File Number 42186: Type 12
IEC 60529, IP65
aPPlication
These pushbutton enclosures are designed to hold 30.5-mm or
22.5-mm pushbuttons and switches.
sPeciFications
•
16 or 14 gauge steel
•
Seams continuously welded and ground smooth
•
Captivated cover screws thread into sealed wells
•
Grounding nut in body of enclosure
•
Bonding provision on cover
•
Oil-resistant gasket
•
Factory stamped 4-way pushbutton holes
•
Enclosures with more than one column of pushbutton holes have
internal detachable hinge
•
External wall-mounting brackets
Finish
ANSI 61 gray polyester powder paint inside and out
accessories
See also Accessories.
Industrial Corrosion Inhibitors
HOL-SEALERS™ Hole Seals
Tamper-Resistant Screws
Bulletin: pB1
Standard Product
 
Catalog Number AxBxC in.
AxBxC mm
Hole
Size
Number
of Holes Gauge
Mounting
G x H (in.)
Mounting
G x H (mm)
Overall
L x W (in.)
Overall
L x W (mm) J (in.) J (mm) T (in.) T (mm) X (in.) X (mm) Y (in.) Y (mm)
E1PB
3.50 x 3.25 x 2.75
89 x 83 x 70
30.5 mm 1
16
4.00 x 2.38 102 x 60
4.50 x 3.47
114 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E1PBG
3.50 x 3.25 x 2.75
89 x 83 x 70
22.5 mm 1
16
4.00 x 2.38 102 x 60
4.50 x 3.47
114 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E2PB
5.75 x 3.25 x 2.75
146 x 83 x 70 30.5 mm 2
16
6.25 x 2.38 159 x 60
6.75 x 3.47
171 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E2PBG
5.75 x 3.25 x 2.75
146 x 83 x 70 22.5 mm 2
16
6.25 x 2.38 159 x 60
6.75 x 3.47
171 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E3PB
8.00 x 3.25 x 2.75
203 x 83 x 70 30.5 mm 3
14
8.50 x 2.38 216 x 60
9.00 x 3.47
229 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E3PBG
8.00 x 3.25 x 2.75
203 x 83 x 70 22.5 mm 3
14
8.50 x 2.38 216 x 60
9.00 x 3.47
229 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4PB
10.25 x 3.25 x 2.75 260 x 83 x 70 30.5 mm 4
14
10.75 x 2.38 273 x 60
11.25 x 3.47 286 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4PBG
10.25 x 3.25 x 2.75 260 x 83 x 70 22.5 mm 4
14
10.75 x 2.38 273 x 60
11.25 x 3.47 286 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E4SPB
7.25 x 6.25 x 3.00
184 x 159 x 76 30.5 mm 4
14
7.75 x 5.38 197 x 137
8.25 x 6.47
210 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E4SPBG
7.25 x 6.25 x 3.00
184 x 159 x 76 22.5 mm 4
14
7.75 x 5.38 197 x 137
8.25 x 6.47
210 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E5PB
12.50 x 3.25 x 2.75 317 x 83 x 70 30.5 mm 5
14
13.00 x 2.38 330 x 60
13.50 x 3.47 343 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E5PBG
12.50 x 3.25 x 2.75 317 x 83 x 70 22.5 mm 5
14
13.00 x 2.38 330 x 60
13.50 x 3.47 343 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PBVL
14.75 x 3.25 x 2.75 375 x 83 x 70 30.5 mm 6
14
15.25 x 2.38 387 x 60
15.75 x 3.47 400 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PBGVL
14.75 x 3.25 x 2.75 375 x 83 x 70 22.5 mm 6
14
15.25 x 2.38 387 x 60
15.75 x 3.47 400 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E6PB
9.50 x 6.25 x 3.00
241 x 159 x 76 30.5 mm 6
14
10.00 x 5.38 254 x 137
10.50 x 6.47 267 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E6PBG
9.50 x 6.25 x 3.00
241 x 159 x 76 22.5 mm 6
14
10.00 x 5.38 254 x 137
10.50 x 6.47 267 x 164
2.56
65
6.00
152
2.11
54
2.61
66
E8PB
20.25 x 3.25 x 2.75 514 x 83 x 70 30.5 mm 8
14
20.75 x 2.38 527 x 60
21.25 x 3.47 540 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E8PBG
20.25 x 3.25 x 2.75 514 x 83 x 70 22.5 mm 8
14
20.75 x 2.38 527 x 60
21.25 x 3.47 540 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E9PB
9.50 x 8.50 x 3.00
241 x 216 x 76 30.5 mm 9
14
10.00 x 7.62 254 x 194
10.50 x 8.72 267 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E9PBG
9.50 x 8.50 x 3.00
241 x 216 x 76 22.5 mm 9
14
10.00 x 7.62 254 x 194
10.50 x 8.72 267 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E10PB
24.75 x 3.25 x 2.75 629 x 83 x 70 30.5 mm 10
14
25.25 x 2.38 641 x 60
25.75 x 3.47 654 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E10PBG
24.75 x 3.25 x 2.75 629 x 83 x 70 22.5 mm 10
14
25.25 x 2.38 641 x 60
25.75 x 3.47 654 x 88
2.31
59
3.00
76
1.73
44
1.86
47
E12PB
11.75 x 8.50 x 3.00 298 x 216 x 76 30.5 mm 12
14
12.25 x 7.62 311 x 194
12.75 x 8.72 324 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E12PBG
11.75 x 8.50 x 3.00 298 x 216 x 76 22.5 mm 12
14
12.25 x 7.62 311 x 194
12.75 x 8.72 324 x 221
2.56
65
8.25
210
2.11
54
2.61
66
E16PB
11.75 x 10.75 x 3.00 298 x 273 x 76 30.5 mm 16
14
12.25 x 9.88 311 x 251
12.75 x 10.97 324 x 279
2.56
65
10.50 267
2.11
54
2.61
66
E16PBG
11.75 x 10.75 x 3.00 298 x 273 x 76 22.5 mm 16
14
12.25 x 9.88 311 x 251
12.75 x 10.97 324 x 279
2.56
65
10.50 267
2.11
54
2.61
66


Similar Part No. - E2PB

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
E2PB HOFFMANPRODUCTS-E2PB Datasheet
584Kb / 2P
30.5-mm and 22.5-mm Pushbutton Enclosures, Type 12
C
E2PBG HOFFMANPRODUCTS-E2PBG Datasheet
584Kb / 2P
30.5-mm and 22.5-mm Pushbutton Enclosures, Type 12
C
More results

Similar Description - E2PB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C2605 SEMICOA-2C2605 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
Type 2N2484 Geometry 0220 / 0307 Polarity NPN
2N3810 SEMICOA-2N3810 Datasheet
43Kb / 3P
Type 2N3810 Geometry 0220 Polarity PNP
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
Type 2N3811 Geometry 0220 Polarity PNP
logo
EPCOS
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
PCC series for Mild HEV HybridPACK??
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
Type 12 Mild Steel Junction Box 1414 Series
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
1447AA8 HAMMOND-1447AA8 Datasheet
213Kb / 3P
Type 12 Mild Steel Wallmount Disconnect Enclosure 1447 Series Continuous Hinge Door Flange w Allen Bradley 1494 D Series cutout only
CS443 HAMMOND-CS443 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
Molex Electronics Ltd.
19288-0220 MOLEX-19288-0220 Datasheet
90Kb / 3P
ATP - Tooling Kit- 19288-0220
04-25-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com