Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM-R21E Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAM-R21E
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21E Datasheet(HTML) 4 Page - ATMEL Corporation

  SAM-R21E_14 Datasheet HTML 1Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 2Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 3Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 4Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 5Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
1.
Configuration Summary
SAM R21G
SAM R21E
Pins
48
32
General Purpose I/O-pins (GPIOs)
28
16
Flash
256/128/64KB
256/128/64KB
SRAM
32/16/8KB
32/16/8KB
Timer Counter (TC) instances
3
3
Waveform output channels per TC instance
2
2
Timer Counter for Control (TCC) instances
3
3
Waveform output channels per TCC
4/4/2
4/4/2
DMA channels
12
12
USB interface
1
1
Serial Communication Interface (SERCOM) instances
5+1(1)
4+1(1)
Inter-IC Sound (I2S) interface
No
No
Analog-to-Digital Converter (ADC) channels
8
4
Analog Comparators (AC)
2
2
Digital-to-Analog Converter (DAC)
channels
No
No
Real-Time Counter (RTC)
Yes
Yes
RTC alarms
1
1
RTC compare values
1 32-bit value or
2 16-bit values
1 32-bit value or
2 16-bit values
External Interrupt lines
15
14
Peripheral Touch Controller (PTC) X and Y lines
8x6
6x2
Maximum CPU frequency
48MHz
Packages
QFN
QFN
32.768kHz crystal oscillator (XOSC32K)
Yes
No
Oscillators
16MHz crystal oscillator for 2.4GHz TRX (XOSCRF)
0.4-32MHz crystal oscillator (XOSC)
32.768kHz internal oscillator (OSC32K)
32kHz ultra-low-power internal oscillator (OSCULP32K)
8MHz high-accuracy internal oscillator (OSC8M)
48MHz Digital Frequency Locked Loop (DFLL48M)
96MHz Fractional Digital Phased Locked Loop (FDPLL96M)
Event System channels
12
12
SW Debug Interface
Yes
Yes
Watchdog Timer (WDT)
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com