Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601L Datasheet(PDF) 9 Page - NEC

Part # PS8601L
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601L Datasheet(HTML) 9 Page - NEC

Back Button PS8601L Datasheet HTML 2Page - NEC PS8601L Datasheet HTML 3Page - NEC PS8601L Datasheet HTML 4Page - NEC PS8601L Datasheet HTML 5Page - NEC PS8601L Datasheet HTML 6Page - NEC PS8601L Datasheet HTML 7Page - NEC PS8601L Datasheet HTML 8Page - NEC PS8601L Datasheet HTML 9Page - NEC PS8601L Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PS8601, PS8601L
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
PARAMETER
SYMBOL
SPECK
UNIT
Application classification (DIN VDE0109)
for rated line voltages
 300 Veff
for rated line voltages
 600 Veff
IV
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
55/100/21
Dielectric strength maximum operating isolation voltage.
Test voltage (partial discharge test procedure a for type test and random test)
Upr = 1.2
 UIORM, Pd < 5 pC
UIORM
Upr
890
1 068
Vpeak
Vpeak
Test voltage (partial discharge test procedure b for random test)
Upr = 1.6
 UIORM, Pd < 5 pC
Upr
1 424
Vpeak
Highest permissible overvoltage
UTR
8 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 7.0
mm
Creepage distance
> 7.0
mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE0109)
IIIa
Storage temperature range
Tstg
55 to +150
Cel
Operating temperature range
Tamb
55 to +100
Cel
Isolation resistance, minimum value
UIO = 500 V dc at 25 Cel
UIO = 500 V dc at Tamp maximum at least 100 Cel
Ris min
Ris min
10
12
10
11
ohm
ohm
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
UIO = 500 V dc at 175 Cel (Tsi)
Tsi
Isi
Psi
Ris min
175
400
700
10
9
Cel
mA
mW
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com