Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC04BQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC04BQ
Description  Hex inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC04BQ Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC04BQ Datasheet HTML 1Page - NXP Semiconductors 74HC04BQ Datasheet HTML 2Page - NXP Semiconductors 74HC04BQ Datasheet HTML 3Page - NXP Semiconductors 74HC04BQ Datasheet HTML 4Page - NXP Semiconductors 74HC04BQ Datasheet HTML 5Page - NXP Semiconductors 74HC04BQ Datasheet HTML 6Page - NXP Semiconductors 74HC04BQ Datasheet HTML 7Page - NXP Semiconductors 74HC04BQ Datasheet HTML 8Page - NXP Semiconductors 74HC04BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74HC_HCT04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2012
2 of 17
NXP Semiconductors
74HC04; 74HCT04
Hex inverter
4.
Functional diagram
5.
Pinning information
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one
inverter)
mna342
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
1
1
2
mna343
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12
mna341
A
Y
(1) The die substrate is attached to the exposed die pad
using conductive die attach material. It cannot be used
as a supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
04
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac441
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac442
04
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com