Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G11GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G11GS
Description  Single 3-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11GS Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G11GS Datasheet HTML 1Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC1G11 provides a single 3-input AND gate.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit highly tolerant to slower input rise and
fall time.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant inputs for interfacing with 5 V logic
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
24 mA output drive (V
CC =3.0 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CMOS low power consumption
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC1G11
Single 3-input AND gate
Rev. 7 — 4 July 2012
Product data sheet


Similar Part No. - 74LVC1G11GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G11GS NEXPERIA-74LVC1G11GS Datasheet
261Kb / 16P
Single 3-input AND gate
Rev. 13 - 9 May 2023
More results

Similar Description - 74LVC1G11GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
Single 3-input AND gate
Rev. 01-30 November 2004
logo
Texas Instruments
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
Single 3-input AND gate
Rev. 04-1 August 2007
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
Single 3-input AND gate
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
Single 3-input AND gate
Rev. 13 - 9 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com