Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS150A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DBS150A
Description  DC-DC Converters Power Module type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBS150A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  DBS150A Datasheet HTML 1Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 2Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 3Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 4Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 5Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 6Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 7Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL
DBS700B12
DBS700B28
DBS700B48
MAX OUTPUT WATTAGE[W]
696
700
696
DC OUTPUT
12V 58A
28V 25A
48V 14.5A
SPECIFICATIONS
MODEL
DBS700B12
DBS700B28
DBS700B48
INPUT
VOLTAGE[V]
DC200 - 400
CURRENT[A]
*1
2.76typ
2.76typ
2.73typ
EFFICIENCY[%]
*1
90.0typ
90.5typ
91.0typ
OUTPUT
VOLTAGE[V]
12
28
48
CURRENT[A]
58
25
14.5
LINE REGULATION[mV]
40max
95max
120max
LOAD REGULATION[mV] 100max
190max
240max
RIPPLE[mVp-p]
0 to +100
C*2 120max
120max
200max
-40 to 0
C*2
0 to +100
C*2
-40 to 0
C*2
160max
160max
250max
RIPPLE NOISE[mVp-p]
150max
150max
250max
180max
180max
400max
TEMPERATURE REGULATION[mV]
0to+65
C 120max
280max
480max
-40 to +100
C 200max
480max
960max
DRIFT[mV]
*
*
3
4
40max
90max
180max
START-UP TIME[ms]
200max (DCIN 280V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE
Fixed (TRM pin open), 60 - 110% adjustable by external VR or external voltage
OUTPUT VOLTAGE SETTING[V] 11.64 - 12.36
27.16 - 28.84
46.56 - 49.44
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
13.80 - 16.80V
DBS700B24
696
24V 29A
DBS700B24
2.76typ
90.0typ
24
29
95max
190max
120max
160max
150max
180max
280max
480max
90max
23.28 - 24.72
27.60 - 33.60V
32.20 - 39.20V
DBS700B36
702
36V 19.5A
DBS700B36
2.76typ
90.0typ
36
19.5
95max
200max
150max
200max
200max
240max
360max
680max
120max
34.92 - 37.08
41.40 - 50.40V
55.20 - 63.00V
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided (On both side of input and output)
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (20t15C)
OUTPUT-RC2,RC3
AC100V 1minute, Cutoff current = 100mA, DC100V 10M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -40 to +100
C (On aluminum base plate), 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 , 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 , 11ms once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN50178
OTHERS
CASE SIZE/WEIGHT
61
X12.7X116.8mm [2.4X0.5X4.6 inches] (WXHXD) / 180g max
COOLING METHOD
Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink)
*1 At rated input(DC280V) and rated load.
*2 Ripple and ripple noise is measured by using measuring board with the recommended capacitor Co & the film capacitor 0.1mF. Refer to the manual.
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
*4 Refer to the manual for the input range.
DBS700B
DC-DC Converters Power Module type
DB
S
700
B
28
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
B :DC200 - 400V
5Output voltage
R
12345
DBS
DBS-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com