Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601-V Datasheet(PDF) 8 Page - NEC

Part # PS8601-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601-V Datasheet(HTML) 8 Page - NEC

Back Button PS8601-V Datasheet HTML 2Page - NEC PS8601-V Datasheet HTML 3Page - NEC PS8601-V Datasheet HTML 4Page - NEC PS8601-V Datasheet HTML 5Page - NEC PS8601-V Datasheet HTML 6Page - NEC PS8601-V Datasheet HTML 7Page - NEC PS8601-V Datasheet HTML 8Page - NEC PS8601-V Datasheet HTML 9Page - NEC PS8601-V Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8601, PS8601L
SOLDERING PRECAUTION
(1) Infrared reflow soldering
• Peak temperature : 235
C or lower (plastic surface)
• Time
: 30 s or less
(Time during plastic surface temperature overs 210
C)
• No. of reflow times : Three
• Flux
: Rosin-base flux
INFRARED RAY REFLOW TEMPERATURE PROFILE
235 ˚C MAX
210 ˚C
to 30 s
60 to 90 s
(PRE-HEAT)
TIME (s)
120 to 160 ˚C
(ACTUAL HEAT)
to 10 s
<NOTES>
(1) Please avoid be removed the residual flux by water after the first reflow processes.
Peak Temperature 235 ˚C or lower
(2) Dip soldering
• Peak temperature : 260
C or lower
• Time
: 10 s or less
• Flux
: Rosin-base flux



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com