Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM27 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM27
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM27 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM27 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM27 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM27 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE9517-B
Issued Date : 1997.06.06
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM27
NPN EPITAXIAL PLANAR TRANSISTOR
Description
Darlington transistor.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 60 V
VCES Collector to Emitter Voltage...................................................................................... 60 V
VEBO Emitter to Base Voltage ........................................................................................... 10 V
IC Collector Current ...................................................................................................... 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCES
60
-
-
V
IC=100uA
BVEBO
10
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=50V
IEBO
-
-
100
nA
VBE=10V
ICES
-
-
500
nA
VCE=50V
*VCE(sat)
-
-
1.5
V
IC=100mA, IB=0.1mA
VBE(on)
-
-
2
V
VCE=5V, IC=100mA
*hFE1
10K
-
-
VCE=5V, IC=10mA
*hFE2
10K
-
-
VCE=5V, IC=100mA
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM27

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HM271-73 LITTELFUSE-HM271-73 Datasheet
455Kb / 4P
H/I-Series
logo
Carling Technologies
HM271-73 CARLINGTECH-HM271-73 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
logo
Littelfuse
HM271-78 LITTELFUSE-HM271-78 Datasheet
455Kb / 4P
H/I-Series
logo
Carling Technologies
HM271-78 CARLINGTECH-HM271-78 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM271-NBL3 CARLINGTECH-HM271-NBL3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
More results

Similar Description - HM27

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com