Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005M Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # 2W005M
Description  Single Phase Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

2W005M Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  2W005M Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 2W005M Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 2W005M Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 2 A
Features
• Ideal for printed circuit board
• Low forward voltage drop
WOM Package
• Low leakage current
• Types from 50 V up to 400 V VRRM
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic body
Polarity: Color band on body denotes cathode end
Weight: 1.1 grams
Pt
Sb l
2W005M
2W01M
Uit
2W005M thru 2W04M
2W04M
2W02M
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Single Phase Silicon
Bridge Rectifier
Conditions
• High temperature soldering guaranteed: 250
⁰C/ 10
seconds, 0.375" lead length, .5 lbs (2.3kg) tension
Terminals: Plated leads, solderable per MIL-STD-202
Method 208 guaranteed
Parameter
Symbol
2W005M
2W01M
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-65 to 125
-65 to 125
°C
Storage temperature
Tstg
-65 to 150
-65 to 150
°C
Parameter
Symbol
2W005M
2W01M
Unit
Maximum average forward
rectified current
IO
22
A
Peak forward surge current
IFSM
60
60
A
Maximum instantaneous
forward voltage drop per bridge
element
1.1
1.1
10
10
500
500
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
Ta = 25 °C
IF = 2 A
Conditions
2W04M
200
140
2W02M
-65 to 150
Maximum DC reverse current at
rated DC blocking voltage
IR
Ta= 100 °C
1.1
1.1
500
500
VF
-65 to 125
-65 to 125
Conditions
400
280
400
200
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
22
tp = 8.3 ms, half sine
60
60
-65 to 150
2W04M
10
10
2W02M
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - 2W005M

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005M SURGE-2W005M Datasheet
123Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
Taiwan Semiconductor Co...
2W005M TSC-2W005M Datasheet
75Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M Datasheet
262Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
TAITRON Components Inco...
2W005M TAITRON-2W005M Datasheet
190Kb / 4P
2.0A Bridge Rectifiers
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - 2W005M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com