Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM28 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM28
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM28 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM28 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM28 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM28 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6450
Issued Date : 1992.11.25
Revised Date : 2002.04.18
Page No. : 1/3
HM28S
HSMC Product Specification
HM28S
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM28S is a NPN silicon transistor, designed for use in general-purpose
SPEECH SYNTHSIZER (Voice Rom) IC audio output driver stage amplifier
applications.
Features
• Excellent hFE Linearity
• High DC Current Gain
• High Power Dissipation
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................. 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 850 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage..................................................................................................... 40 V
VCEO Collector to Emitter Voltage ................................................................................................. 20 V
VEBO Emitter to Base Voltage.......................................................................................................... 6 V
IC Collector Current ..................................................................................................................... 1.25 A
IB Base Current ............................................................................................................................. 0.4 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCEO
20
-
-
V
IC=1mA, IB=0
BVEBO
6
-
-
V
IE=100uA, IC=0
ICBO
-
-
100
nA
VCB=35V, IE=0
IEBO
-
-
100
nA
VEB=6V, IC=0
*VCE(sat)
-
-
0.55
V
IC=600mA, IB=20mA
*hFE1
290
-
-
VCE=1V, IC=1mA
*hFE2
300
-
1000
VCE=1V, IC=0.1A
hFE3
300
-
-
VCE=1V, IC=0.3A
hFE4
300
-
-
VCE=1V, IC=0.5A
fT
100
-
-
MHz
VCE=10V, IC=50mA, f=1MHz
Cob
-
9
-
pF
VCB=10V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE2
Rank
B
C
D
Range
300-550
500-700
650-1000
TO-92


Similar Part No. - HM28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM28 ETC-HM28 Datasheet
118Kb / 6P
Buckle Style Core Common-Mode Chokes
logo
Bi technologies
HM28 BITECH-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
List of Unclassifed Man...
HM28-20001 ETC-HM28-20001 Datasheet
118Kb / 6P
Buckle Style Core Common-Mode Chokes
logo
Bi technologies
HM28-20001LF BITECH-HM28-20001LF Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
More results

Similar Description - HM28

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com