Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9613 Datasheet(PDF) 4 Page - NEC

Part # PS9613
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9613 Datasheet(HTML) 4 Page - NEC

  PS9613 Datasheet HTML 1Page - NEC PS9613 Datasheet HTML 2Page - NEC PS9613 Datasheet HTML 3Page - NEC PS9613 Datasheet HTML 4Page - NEC PS9613 Datasheet HTML 5Page - NEC PS9613 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet P13981EJ2V0DS00
4
PS9613,PS9613L
ORDERING INFORMATION
Part Number
Package
Packing Style
Safety Standards
Approval
Application Part
Number
*1
PS9613
8-pin DIP
Magazine case 50 pcs
UL approved
PS9613
PS9613L
PS9613L
PS9613L-E3
Embossed Tape 1 000 pcs/reel
PS9613L-E4
PS9613-V
Magazine case 50 pcs
VDE0884 approved
PS9613
PS9613L-V
PS9613L
PS9613L-V-E3
Embossed Tape 1 000 pcs/reel
PS9613L-V-E4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
3.0
V
Detector
Supply Voltage
VCC
−0.5 to +35
V
Output Voltage
VO
−0.5 to +35
V
Output Current
IO
15
mA
Power Dissipation
PC
100
mW
Isolation Voltage
*1
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward Current
IF
10
20
mA
Output Voltage
VO
030
V
Supply Voltage
VCC
4.5
30
V
LED Off Voltage
VF
00.8
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com