Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4033 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM4033
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM4033 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM4033 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM4033 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM4033 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9523
Issued Date : 1997.04.17
Revised Date : 2002.06.28
Page No. : 1/3
HM4033
HSMC Product Specification
HM4033
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM4033 is designed for high current general purpose amplifier
applications.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) .................................................................................... 1.2 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ -80 V
VCEO Collector to Emitter Voltage ..................................................................................... -80 V
VEBO Emitter to Base Voltage ............................................................................................. -5 V
IC Collector Current ............................................................................................................. -1 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-10uA, IE=0
BVCEO
-80
-
-
V
IC=-10mA, IB=0
BVEBO
-5
-
-
V
IC=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-60V, IE=0
IEBO
-
-
-100
nA
VEB=-5V, IC=0
*VCE(sat)1
-
-
-150
mV
IC=-150mA, IB=-15mA
*VCE(sat)2
-
-
-500
mV
IC=-500mA, IB=-50mA
*VBE(sat)1
-
-
-900
mV
IC=-150mA, IB=-15mA
*VBE(sat)2
-
-
-1.1
V
IC=-500mA, IB=-50mA
*hFE1
75
-
-
VCE=-5V, IC=-0.1mA
*hFE2
100
-
-
VCE=-5V, IC=-100mA
*hFE3
70
-
-
VCE=-5V, IC=-500mA
*hFE4
25
-
-
VCE=-5V, IC=-1A
fT
100
-
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
-
20
pF
VCB=-10V, IE=0, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
SOT-89


Similar Part No. - HM4033

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HM4033 MCC-HM4033 Datasheet
223Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
HM4033 HTSEMI-HM4033 Datasheet
259Kb / 1P
TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
HM4033 BILIN-HM4033 Datasheet
150Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
Rev.A
logo
Jiangsu Changjiang Elec...
HM4033 JIANGSU-HM4033 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
HM4033 MCC-HM4033 Datasheet
256Kb / 2P
PNP Plastic Encapsulate Transistor
More results

Similar Description - HM4033

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com