Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM42 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM42
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM42 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM42 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM42 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM42 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9510-B
Issued Date : 1998.04.09
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM42
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM42 is designed for application as a video output to drive
color CRT, or as a dialer circuit in electronics telephone.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... 300 V
VCEO Collector to Emitter Voltage ................................................................................... 300 V
VEBO Emitter to Base Voltage ............................................................................................. 6 V
IC Collector Current ...................................................................................................... 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
300
-
-
V
IC=100uA
BVCEO
300
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=260V
IEBO
-
-
100
nA
VEB=6V
*VCE(sat)
-
-
500
mV
IC=20mA, IB=2mA
*VBE(sat)
-
-
900
mV
IC=20mA, IB=2mA
*hFE1
25
-
-
VCE=10V, IC=1mA
*hFE2
40
-
-
VCE=10V, IC=10mA
*hFE3
40
-
-
VCE=10V, IC=30mA
fT
50
-
-
MHz
VCE=20V, IC=10mA, f=100MHz
Cob
-
3
-
pF
VCB=20V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM42

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vaisala
HM42 VAISALA-HM42 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
List of Unclassifed Man...
HM42-10001LF ETC2-HM42-10001LF Datasheet
477Kb / 2P
Operating Temperature Range
logo
Bi technologies
HM42-10001LF BITECH-HM42-10001LF Datasheet
312Kb / 2P
Gate Drive Transformers
logo
TT Electronics.
HM42-10001LF TTELEC-HM42-10001LF Datasheet
770Kb / 2P
Gate Drive Transformers
More results

Similar Description - HM42

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com