Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM64 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM64
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM64 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM64 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM64 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM64 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9512
Issued Date : 1996.04.17
Revised Date : 2001.09.20
Page No. : 1/3
HM64
HSMC Product Specification
HM64
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM64 is a darlington amplifier transistor designed for
applications requiring extremely high current gain.
Features
• High D.C current gain
• HM64 is complementary to HM14
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ....................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ -30 V
VCES Collector to Emitter Voltage ..................................................................................... -30 V
VEBO Emitter to Base Voltage ........................................................................................... -10 V
IC Collector Current ...................................................................................................... -300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-100uA
BVCES
-30
-
-
V
IC=-100uA
BVEBO
-10
-
-
V
IE=-10uA
ICBO
-
-
-100
nA
VCB=-30V
IEBO
-
-
-100
nA
VEB=-10V
*VCE(sat)
-
-
-1.5
V
IC=-100mA, IB=-0.1mA
*VBE(on)
-
-
-2
V
VCE=-5V, IC=-100mA
*hFE1
10
-
-
K
VCE=-5V, IC=-10mA
*hFE2
20
-
-
K
VCE=-5V, IC=-100mA
fT
125
-
-
MHz
VCE=-5V, IC=-10mA
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM64

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM64-10100LF BITECH-HM64-10100LF Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM64-10150LF BITECH-HM64-10150LF Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM64-101R0LF BITECH-HM64-101R0LF Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM64-10220LF BITECH-HM64-10220LF Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
More results

Similar Description - HM64

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com