Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM882 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM882
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM882 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM882 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9514
Issued Date : 1997.06.05
Revised Date : 2003.01.10
Page No. : 1/4
HM882
HSMC Product Specification
HM882
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM882 is suited for the output stage of 0.75W audio, voltage
regulator, and relay driver.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................ 0.6 W (Note1)
Total Power Dissipation (Ta=25
°C) ............................................................................... 2 W (Note2)
Total Power Dissipation (Tc=25
°C)............................................................................ 1.3 W (Note1)
Total Power Dissipation (Tc=25
°C) ............................................................................ 3.4 W (Note2)
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 70 V
VCEO Collector to Emitter Voltage ...................................................................................... 30 V
VEBO Emitter to Base Voltage .............................................................................................. 5 V
IC Collector Current............................................................................................................... 3 A
Thermal Characteristic
Characteristic
Symbol
Max.
Unit
Thermal Resistance, junction to ambient
(Note1)
R
θja
208
oC/W
Thermal Resistance, junction to ambient
(Note2)
R
θja
62.5
oC/W
Thermal Resistance, junction to case
(Note1)
R
θjc
86
oC/W
Thermal Resistance, junction to case
(Note2)
R
θjc
36.8
oC/W
Note1: When tested in free air condition, without heat sinking.
Note2: When mounted on a 40X40X1mm ceramic board.
SOT-89


Similar Part No. - HM882

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM88 TTELEC-HM88 Datasheet
788Kb / 3P
High Current Low Loss Sendust Surface Mount Inductors
HM88-10091R0LF TTELEC-HM88-10091R0LF Datasheet
788Kb / 3P
High Current Low Loss Sendust Surface Mount Inductors
HM88-14121R0LF TTELEC-HM88-14121R0LF Datasheet
788Kb / 3P
High Current Low Loss Sendust Surface Mount Inductors
logo
Shenzhen Huazhimei Semi...
HM8805 HMSEMI-HM8805 Datasheet
556Kb / 6P
600mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
VBsemi Electronics Co.,...
HM8810A VBSEMI-HM8810A Datasheet
1Mb / 8P
Dual N-Channel MOSFET
More results

Similar Description - HM882

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com