Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L200 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5L200
Description  Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5L200 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS7055G
10/01/04
PI5L200
PrecisionWideBandwidthLanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.
DC Electrical Characteristics (Over the Operating Range, TA=–40°Cto+85°C,VCC=3.3V±10%,GND=0V)
Dynamic Electrical Characteristics (OvertheOperatingRange,TA=–40°Cto+85°C,VCC =3.3V±10%,GND=0V)
Single 3.3V Supply
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V
G
O
L
A
N
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A0
—
V C
C
V
R N
O
e
c
n
a
t
s
i
s
e
R
-
N
OI N
O
A
m
0
3
o
t
A
m
0
1
=—
5
12
2
Ω
∆R N
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
h
c
t
a
M—
1
3
R
)
N
O
(
T
A
L
F
R N
O
s
s
e
n
t
a
l
FI N
O
V
,
A
m
1
=
O
N
V
,
C
N
V
5
o
t
V
0
=—
7
2
1
I
)
F
F
O
(
O
N
I
,
)
N
O
(
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
/
n
OV O
N
V
,
C
N
V
0
.
3
=0
0
1
–—
0
0
1A
n
I
)
N
O
(
M
O
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
OV O
N
V
,
C
N
V
0
.
3
=0
0
1
–—
0
0
1A
µ
IO
t
n
e
r
r
u
C
t
u
p
t
u
OV O
N
V
,
C
N
V
r
o
M
O
C
V
0
=0
8—
—
A
m
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
——
1
±
A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
D
N
G
=—
—
1
±
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
t N
O
e
m
i
T
n
o
-
n
r
u
TV O
N
V
r
o
C
N
2
e
r
u
g
i
F
e
e
s
,
V
5
.
1
=—
8
20
4
s
n
t F
F
O
e
m
i
T
f
f
o
-
n
r
u
TV O
N
V
r
o
C
N
2
e
r
u
g
i
F
e
e
s
,
V
5
.
1
=—
4
0
2
X
K
L
A
T
k
l
a
t
s
s
o
r
CRL
4
e
r
u
g
i
F
e
e
s
,
z
H
M
1
=
f
,
s
m
h
o
0
5
=—
5
7
–—
B
d
C
)
F
F
O
(
e
c
n
a
ti
c
a
p
a
C
O
N
r
o
C
Nz
H
k
1
=
f—
5
1—
F
p
C
)
F
F
O
(
M
O
C
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
Cz
H
k
1
=
f—
0
3—
O R
R
I
n
o
it
a
l
o
s
I
f
f
ORL
5
e
r
u
g
i
F
e
e
s
,
z
H
M
1
=
f
,
s
m
h
o
0
5
=—
5
7
–—
B
d
W
BB
d
3
–
h
t
d
i
w
d
n
a
BRL
3
e
r
u
g
i
F
e
e
s
,
s
m
h
o
0
5
=—
0
1
1—
z
H
M
Dn
o
it
r
o
t
s
i
DRL
s
m
h
o
0
0
1
=—
4
—
%
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
e
v
it
i
s
o
P
t
n
e
c
s
e
i
u
QV C
C
V
,
V
6
.
3
=
N
I
V
r
o
V
0
=
C
C
F
F
O
r
o
n
O
s
l
e
n
n
a
h
C
ll
A
——
1
A
µ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com