Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2510AL Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2510AL
Description  Phase-Lock Loop Clock Driver with 10-Clock Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2510AL Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2510AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8306C
11/13/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2510A
Phase-Lock Loop Clock Driver
with 10 Clock Outputs
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
VI
e
g
n
a
r
e
g
a
t
l
o
v
t
u
p
n
I
5
.
0
V C
C
5
.
0
+
V
VO
e
g
n
a
r
e
g
a
t
l
o
v
t
u
p
t
u
O
VI_ C
D
e
g
a
t
l
o
v
t
u
p
n
i
C
D0
.
5
+
I
C
D
_
O
t
n
e
r
r
u
c
t
u
p
t
u
o
C
D0
0
1A
m
r
e
w
o
PT
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
m
u
m
i
x
a
M
A
5
5
=
o
r
i
a
l
l
i
t
s
n
i
C0
.
1W
T G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
DC Specifications
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TV C
C
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
I C
C
VI
V
=
C
C
I
;
D
N
G
r
o
O
0
=V
6
.
3A
m
CI
VI
V
=
C
C
D
N
G
r
o
V
3
.
3
4
F
p
CO
VO
V
=
C
C
D
N
G
r
o6
Absolute maximum ratings over operating free-air temperature range.
Stress beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
Recommended Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
v
y
l
p
p
u
S3
6
.
3
V
V H
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
h
g
i
H2
V L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
w
o
L8
.
0
VI
e
g
a
t
l
o
v
t
u
p
n
I0
V C
C
TA
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O0
0
7
oC
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
I H
O
t
n
e
r
r
u
c
p
u
-
l
l
u
PV
T
U
O
V
4
.
2
=9
1
A
m
t
n
e
r
r
u
c
p
u
-
l
l
u
PV
T
U
O
V
0
.
2
=2
3
I L
O
t
n
e
r
r
u
c
n
w
o
d
-
l
l
u
PV
T
U
O
V
8
.
0
=8
2
t
n
e
r
r
u
c
n
w
o
d
-
l
l
u
PV
T
U
O
V
5
5
.
0
=9
1
Electrical characteristics over recommended operating free-air temperature range.
Pull Up/Down Currents of PI6C2510A/PI2510A-134, VCC = 3.0V:
08-0298



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com