Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM92 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM92
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM92 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM92 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM92 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM92 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9509-B
Issued Date : 1996.04.09
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM92
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM92 is designed for application as a video output to drive
color CRT, or as a dialer circuit in electronics telephone.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ..................................................................................... -300 V
VCEO Collector to Emitter Voltage .................................................................................. -300 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-300
-
-
V
IC=-100uA, IE=0
BVCEO
-300
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-250
nA
VCB=-200V, IE=0
IEBO
-
-
-100
nA
VEB=-3V, IC=0
*VCE(sat)
-
-
-500
mV
IC=-20mA, IB=-2mA
*VBE(sat)
-
-
-900
mV
IC=-20mA, IB=-2mA
*hFE1
25
-
-
VCE=-10V, IC=-1mA
*hFE2
40
-
-
VCE=-10V, IC=-10mA
*hFE3
25
-
-
VCE=-10V, IC=-30mA
fT
50
-
-
MHz
VCE=-20V, IC=-10mA, f=100MHz
Cob
-
-
6
pF
VCB=-20V, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM92

ManufacturerPart #DatasheetDescription
logo
DFI Inc
HM920-HM86 DFI-HM920-HM86 Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-2000E DFI-HM920-HM86BS0-2000E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-2002E DFI-HM920-HM86BS0-2002E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-4400E DFI-HM920-HM86BS0-4400E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-4402E DFI-HM920-HM86BS0-4402E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
More results

Similar Description - HM92

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com