Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16035L Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FST16035L
Description  Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST16035L Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FST16035L Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST16035L Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST16035L Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 35 V
IF(AV) = 160 A
Features
• High Surge Capability
TO-249AB Package
• Isolated to Plate
• Not ESD Sensitive
Parameter
FST16035L
Unit
35
V
25
V
35
V
Low VF Silicon Power
Schottky Diode
FST16035L
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Maximum recurrent peak reverse voltage
Maximum RMS voltage
M i
DC bl ki
lt
Conditions
Symbol
VRRM
VRMS
V
35
V
-55 to 150
°C
-55 to 150
°C
Parameter
FST16035L
Unit
160
A
1000
A
0.60
1
150
Thermal characteristics
Maximum thermal resistance,
junction - case
(per leg)
0.50
°C/W
Operating temperature
mA
V
R
ΘJC
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
Tstg
Symbol
Maximum DC blocking voltage
Storage temperature
TC = 100 °C
VDC
Tj
Average forward current (per pkg)
IF(AV)
Maximum instantaneous forward voltage (per
leg)
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
Tj = 100 °C
tp = 8.3 ms, half sine
IFSM
Peak forward surge current
(per leg)
IFM = 80 A, Tj = 25 °C
Tj = 25 °C
VF
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - FST16035L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16035 MCC-FST16035 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16035 MICROSEMI-FST16035 Datasheet
153Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16035 TEL-FST16035 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
FST16035 MICROSEMI-FST16035 Datasheet
122Kb / 2P
Schottky Powermod
logo
GeneSiC Semiconductor, ...
FST16035 GENESIC-FST16035 Datasheet
369Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST16035L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com