Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16045 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FST16045
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST16045 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FST16045 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST16045 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST16045 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 160 A
Features
• High Surge Capability
TO-249AB Package
• Isolated to Plate
• Not ESD Sensitive
Parameter
Symbol
FST16045
FST16060
Unit
Repetitive peak reverse voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Silicon Power
Schottky Diode
• Types from 45 V to 100V VRRM
FST16045 thru FST160100
FST160100
80
57
FST16080
Maximum ratings, at Tj = 25 °C, unless otherwise specified
100
70
100
80
Conditions
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
FST16045
FST16060
Unit
Average forward current (per
pkg)
IF(AV)
160
160
A
Maximum instantaneous
forward voltage (per leg)
0.75
0.80
11
10
10
30
30
Thermal characteristics
Thermal resistance, junction -
case (per leg)
R
ΘJC
0.50
0.50
°C/W
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
TC = 125 °C
160
160
Peak forward surge current (per
leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Maximum Instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
Tj = 100 °C
30
Tj = 25 °C
IFM = 80 A, Tj = 25 °C
10
10
Conditions
-55 to 150
FST160100
11
FST16080
0.50
Tj = 150 °C
0.50
0.84
0.84
30
mA
V
-55 to 150
100
80
-55 to 150
-55 to 150
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - FST16045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16045 MCC-FST16045 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16045 MICROSEMI-FST16045 Datasheet
153Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16045 TEL-FST16045 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
FST16045 MICROSEMI-FST16045 Datasheet
122Kb / 2P
Schottky Powermod
logo
GeneSiC Semiconductor, ...
FST16045 GENESIC-FST16045 Datasheet
608Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST16045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com