Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST160200 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FST160200
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST160200 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FST160200 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST160200 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST160200 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 150 V - 200 V
IF(AV) = 160 A
Features
• High Surge Capability
TO-249AB Package
• Isolated to Plate
• Not ESD Sensitive
Parameter
Symbol
FST160150
Unit
Repetitive peak reverse voltage
VRRM
150
V
RMS reverse voltage
VRMS
106
V
DC blocking voltage
VDC
150
V
200
• Types from 150 V to 200V VRRM
FST160150 thru FST160200
200
141
FST160200
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Conditions
Silicon Power
Schottky Diode
DC blocking voltage
VDC
150
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
FST160150
Unit
Average forward current (per
pkg)
IF(AV)
160
A
Maximum instantaneous
forward voltage (per leg)
0.88
1
10
30
Thermal characteristics
Thermal resistance, junction -
case (per leg)
R
ΘJC
0.50
°C/W
200
-55 to 150
1
FST160200
0.50
Tj = 150 °C
0.92
mA
V
Tj = 100 °C
30
Tj = 25 °C
IFM = 80 A, Tj = 25 °C
10
Conditions
-55 to 150
VF
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
TC = 125 °C
160
Peak forward surge current (per
leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
A
Maximum Instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - FST160200

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST160200 GENESIC-FST160200 Datasheet
607Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST160200

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF50020 GENESIC-MBRF50020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com