Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-BOOSTA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-BOOSTA
Description  USB RJ45 Extensiion
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-BOOSTA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-BOOSTA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
You need a Local and Remote Unit (both supplied), and a CAT5/5E/6
Patch Lead up to 50 Mtrs in length (not supplied).
This product is compatible with USB devices that support USB 1.1
transfer speeds.
E-Mail:
Sales@cablesdirect.co.uk
Fax:
01773 514515
Tel:
01773 514514
Cables Direct Ltd,
Unit C,
Heage Road
Industrial Estate,
Heage Road,
Ripley,
Derbyshire,
DE5 3GH.
Registered in England
No. 2819039
System Requirements:
• IBM Compatible PC with 233 Mhz Pentium or faster
• Windows 98SE / ME / 2000 or XP
• Power Mac G3 or G4, PowerBook G3 or G4, or iBook
• MAC OS 9.x or higher
• 64 Mb Ram
• Available USB Port
We reserve the right to discontinue or change product specification, or price without prior notice. All products supplied against our terms and conditions.
It is acknowledged that all trademarks, tradenames and product names used in this datasheet are the property of their respected companies/owners.
ISSUE No: 1
USB RJ45 Extension
USB RJ45 Extension
USB - BOOSTA
USB Data Cable / Data Link.
• Compliant with the USB 1.1 specification
• Patented ASIC’s (Application Specific Integrated Circuits) built in
• Extends the distance of USB devices by up to 50 Mtrs using CAT 5/5E/6
Patch Cables
• Embedded USB Transceivers in each unit to prevent signal loss
• No external power needed
• No drivers needed
• Local Unit cable length: 30 CM
Features:
USB
USB-
-BOOSTA
BOOSTA
Typical Uses :
• Connect USB web cams for security applications
• Connect to USB barcode scanners
• Extend USB devices past typical 5 metre range
USB Host Cards (PCI)
USB Ethernet Adaptor
10/100 Mbps
RJ45 Patch Cable


Similar Part No. - USB-BOOSTA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
STANDARD & RUGGED USB 2.0
logo
Yamaichi Electronics Co...
USB-B-001 YAMAICHI-USB-B-001 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-001-30 YAMAICHI-USB-B-001-30 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-003 YAMAICHI-USB-B-003 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-004 YAMAICHI-USB-B-004 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
More results

Similar Description - USB-BOOSTA

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JW0-0009NL PULSE-JW0-0009NL Datasheet
286Kb / 7P
RJ45/Dual USB Combo
logo
SUYIN USA, INC.
020180M90R4M401ZA SUYIN-USA-020180M90R4M401ZA Datasheet
226Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180M90T7M417ZA SUYIN-USA-020180M90T7M417ZA Datasheet
226Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180M9044M401ZA SUYIN-USA-020180M9044M401ZA Datasheet
227Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180M9044M565ZA SUYIN-USA-020180M9044M565ZA Datasheet
227Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180M9047M401ZA SUYIN-USA-020180M9047M401ZA Datasheet
224Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180M9048M401ZA SUYIN-USA-020180M9048M401ZA Datasheet
224Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
020180MHAJ7M401ZA SUYIN-USA-020180MHAJ7M401ZA Datasheet
231Kb / 9P
RJ45STACK USB W/LED & TRANSFORMER
logo
XFMRS Inc.
XFGIG12TVS-USBXU-2 XFMRS-XFGIG12TVS-USBXU-2 Datasheet
94Kb / 3P
RJ45/DUAL USB GIGABIT COMBO
XFGIG12-USBXU-2 XFMRS-XFGIG12-USBXU-2 Datasheet
92Kb / 3P
RJ45/DUAL USB GIGABIT COMBO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com