Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF750LVC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF750LVC_14 Datasheet HTML 1Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 2Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 3Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 4Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 5Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 6Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
1447F–PLD–11/08
ATF750LVC
8.
Bus-friendly Pin-keeper Input and I/Os
All input and I/O pins on the ATF750LVC have programmable “pin-keeper” circuits. If acti-
vated, when any pin is driven high or low and then subsequently left floating, it will stay at that
previous high or low level.
This circuitry prevents unused input and I/O lines from floating to intermediate voltage levels,
which cause unnecessary power consumption and system noise. The keeper circuits elimi-
nate the need for external pull-up resistors and eliminate their DC power consumption.
Enabling or disabling of the pin-keeper circuits is controlled by the device type chosen in the
logic compiler device selection menu. Please refer to the software compiler table for more
details. Once the pin-keeper circuits are disabled, normal termination procedures are required
for unused inputs and I/Os.
9.
Input Diagram
10. I/O Diagram
Table 1. Software Compiler Mode Selection
Synario
WinCupl
Pin-keeper Circuit
ATF750LVC
V750C
Disabled
ATF750LVC (PPK)
V750CPPK
Enabled
100K
V
CC
ESD
PROTECTION
CIRCUIT
INPUT
PROGRAMMABLE
OPTION
100K
V
CC
V
CC
DATA
OE
I/O
PROGRAMMABLE
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com