Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9713 Datasheet(PDF) 2 Page - NEC

Part # PS9713
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9713 Datasheet(HTML) 2 Page - NEC

  PS9713 Datasheet HTML 1Page - NEC PS9713 Datasheet HTML 2Page - NEC PS9713 Datasheet HTML 3Page - NEC PS9713 Datasheet HTML 4Page - NEC PS9713 Datasheet HTML 5Page - NEC PS9713 Datasheet HTML 6Page - NEC PS9713 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet P13982EJ2V0DS00
2
PS9713
PACKAGE DIMENSIONS (in millimeters)
1.27
0.4
+0.10
–0.05
0.25 M
4.4
7.0±0.3
0.5±0.3
4.0±0.5
1. Anode
3. Cathode
4. GND
5. VO
6. VCC
TOP VIEW
64
13
5
FUNCTIONAL DIAGRAM
6
5
4
1
3
LED
Output
ON
L
OFF
H
Shield



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com