Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8050 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # S8050
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

S8050 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  S8050 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED S8050 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
10
100
1000
1
10
100
10
100
0.1
1
10
1
100
10
0
25
50
75
100
125
150
0
100
200
300
400
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1
10
100
0.0
0.4
0.8
1.2
04
8
12
16
20
0
20
40
60
80
100
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
500
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
I
C
V
CEsat
——
500
500
100
30
10
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
10
1000
100
30
V
CE=6V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
S8050
Typical Characterisitics
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
T
a
500
V
BE
I
C
——
30
3
0.3
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
30
3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
500
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COMMON
EMITTER
T
a=25
℃
http://www.makosemi.hk/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com