Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9701-F4 Datasheet(PDF) 1 Page - NEC

Part # PS9701-F4
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701-F4 Datasheet(HTML) 1 Page - NEC

  PS9701-F4 Datasheet HTML 1Page - NEC PS9701-F4 Datasheet HTML 2Page - NEC PS9701-F4 Datasheet HTML 3Page - NEC PS9701-F4 Datasheet HTML 4Page - NEC PS9701-F4 Datasheet HTML 5Page - NEC PS9701-F4 Datasheet HTML 6Page - NEC PS9701-F4 Datasheet HTML 7Page - NEC PS9701-F4 Datasheet HTML 8Page - NEC PS9701-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P11437EJ4V0DS00 (4th edition)
Date Published September 1999 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS9701
HIGH SPEED DIGITAL OUTPUT TYPE
5-PIN SOP PHOTOCOUPLER
The mark
•
•
•
• shows major revised points.
−NEPOCTM Series−
©
1994, 1999
DESCRIPTION
The PS9701 is an optically coupled isolator containing a GaAlAs LED on light emitting side (input side) and a
photodiode and a signal processing circuit on light receiving side (output side) on one chip.
This is SOP (Small Outline Package) type for high-density applications.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (5-pin SOP)
• High-speed response (tPHL = 36 ns TYP., tPLH = 60 ns TYP.)
• Low threshold input current (IFHL = 2.5 mA TYP.)
• Open-collector type
• Ordering number of taping product: PS9701-1-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option)
APPLICATIONS
• Computer and peripheral manufactures
• Measurement equipment
• Audio-Visual


Similar Part No. - PS9701-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9701-F3 CEL-PS9701-F3 Datasheet
60Kb / 6P
HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
More results

Similar Description - PS9701-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com