Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMPS651 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # HMPS651
Description  NPN SILIOCN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMPS651 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HMPS651 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMPS651 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMPS651 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HMPS651 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6326-B
Issued Date : 1992.09.09
Revised Date : 2000.09.20
Page No. : 4/4
HSMC Product Specification
TO-92 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*0.1000
-
*2.54
C
0.5000
-
12.70
-
I
-
*0.0500
-
*1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*5
°
-
*5
°
E
-
*0.0500
-
*1.27
α2
-
*2
°
-
*2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*2
°
-
*2
°
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
• Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454
• Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5983621~5 Fax : 886-3-5982931
• Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5977061 Fax : 886-3-5979220
3
1
A
D
B
C
I
α1
E
F
α2
α3
G
H
2
Style : Pin 1.Emitter 2.Base 3.Collector
3-Lead TO-92 Plastic Package
HSMC Package Code : A
Marking :
HSMC Logo
Part Number
Date Code
Product Series
Rank
Laser Mark
HSMC Logo
Part Number
Product Series
Ink Mark



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com