Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7600EB Datasheet(PDF) 5 Page - Exar Corporation

Part # SP7600EB
Description  Evaluation Board Masual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7600EB Datasheet(HTML) 5 Page - Exar Corporation

  SP7600EB Datasheet HTML 1Page - Exar Corporation SP7600EB Datasheet HTML 2Page - Exar Corporation SP7600EB Datasheet HTML 3Page - Exar Corporation SP7600EB Datasheet HTML 4Page - Exar Corporation SP7600EB Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
__________________________________________________________ BILL OF MATERIALS
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone Number
1
PCB
1
Exar
146-6653-01
1.175"x1.934"
SP7600EB
408-934-7500
2
U1
1
Exar
SP7600
SO-8 EP
Non-Sync. LED Driver
408-934-7500
3
LED1
1
LUXEON
LXK2-PW12-R00
K2
LUXEON K2
662-536-0401
4
DS
1
On Semi
MBRA340T3
SMA
Schottky, 40V, 3A
602-244-6600
5
L1
1
WURTH
744311470
7.0X6.9mm
4.7uH inductor WE-HC
201-785-8800
6
D1
1
MCC
1N4148WX
SOD323
Fast Switching Diode 500mW
818-701-4933
7
C1
1
Taiyo Yuden
UMK325BJ106MM-T
1210
10uF Ceramic, 50V, X7S, 1210
800-388-2496
8C6
open
9
C4, C5
1
MURATA
GRM188R71H104K
0603
0.1uF Ceramic, X7R, 50V
770-436-1300
10
R1
1
VISHAY/DALE
CRCW06030000Z
0603
0 Ohm
402-563-6866
11
R2
1
VISHAY/DALE
CRCW0603100KF
0603
100k Ohm
402-563-6866
12
Ra
1
SUSUMU CO. LTD
RL1220S-R22-F
0805
0.22 Ohm
402-563-6866
13
LINK
1
TYCO ELECTR.
535676-5
CONN. RECEPT 6POS .100 RT/ANG
800-344-4539
14
VIN, VOUT, GND,
GND, DIM, VFB
6
Vector Electronic
K24C/M
.042 Dia
Test Point Post
800-344-4539
Table1. SP7600EB List of Materials
_____________________________________________________ ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7600EB............................................. -40
°C to +85°C..................................... SP7600 Evaluation Board
For further assistance:
Email:
customersupport@exar.com
EXAR Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
Exar Corporation
Headquarters and
Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7000
EXAR Corporation reserves the right to make changes to the products contained in this
publication in order to improve design, performance or reliability. EXAR Corporation assumes no
responsibility for the use of any circuits described herein, conveys no license under any patent
or other right, and makes no representation that the circuits are free of patent infringement.
Charts and schedules contained herein are only for illustration purposes and may vary
depending upon a user’s specific application. While the information in this publication has been
carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support
applications where the failure or malfunction of the product can reasonably be expected to
cause failure of the life support system or to significantly affect its safety or effectiveness.
Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized;
(b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.
12/17/07
SP7600 Evaluation Board Manual
© 2007 Exar Corporation
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com