Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40-1200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MSS40-1200
Description  Back to back SCR module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40-1200 Datasheet(HTML) 3 Page - STMicroelectronics

  MSS40-1200 Datasheet HTML 1Page - STMicroelectronics MSS40-1200 Datasheet HTML 2Page - STMicroelectronics MSS40-1200 Datasheet HTML 3Page - STMicroelectronics MSS40-1200 Datasheet HTML 4Page - STMicroelectronics MSS40-1200 Datasheet HTML 5Page - STMicroelectronics MSS40-1200 Datasheet HTML 6Page - STMicroelectronics MSS40-1200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
MSS40, MSS50
Characteristics
3/7
Figure 2.
Maximum average power
dissipation versus average on-state
current
Figure 3.
Average and DC on-state current
versus case temperature
0
1020
304050607080
0
10
20
30
40
50
60
70
80
90
100
P(W)
I
(A)
T(RMS)
α = 180°
MSS40
MSS50
180°
α
α
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
I
(A)
T(RMS)
T
(°C)
case
α = 180°
MSS40
MSS50
Figure 4.
Relative variation of thermal
impedance versus pulse duration
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
1E-3
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 6.
Surge peak on-state current versus
number of cycles
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding values of I2t
1
10
100
1000
0
100
200
300
400
500
600
700
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
MSS40
T =80°C
Repetitive
C
MSS50
T =85°C
Repetitive
C
MSS50
MSS40
t=20ms
One cycle
5000
1000
100
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation:
50A/µs
MSS50
MSS40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com