Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF908-R_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF908-R_2015
Description  Dual-gate MOS-FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF908-R_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF908-R_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
Table 1
Scattering parameters
Table 2
Noise data
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
VDS =8V; VG2-S =4V; ID = 10 mA; Tamb =25 °C.
50
0.998
−5.1
3.537
173.5
0.001
98.2
0.996
−2.4
100
0.994
−10.4
3.502
167.7
0.001
88.8
0.994
−4.9
200
0.979
−20.8
3.450
154.9
0.003
74.6
0.987
−9.5
300
0.962
−30.3
3.318
143.7
0.004
69.5
0.983
−13.9
400
0.939
−40.1
3.234
131.9
0.005
65.6
0.980
−18.5
500
0.914
−49.1
3.093
120.7
0.006
64.4
0.974
−22.8
600
0.892
−57.1
2.912
111.1
0.005
63.1
0.969
−27.0
700
0.865
−64.4
2.774
101.0
0.005
65.2
0.966
−31.2
800
0.837
−71.6
2.616
91.4
0.004
70.8
0.965
−35.4
900
0.811
−78.1
2.479
81.9
0.004
87.4
0.965
−39.4
1000
0.785
−84.5
3.329
72.5
0.003
108.0
0.966
−43.7
VDS =8V; VG2-S =4V; ID = 15 mA; Tamb =25 °C.
50
0.998
−5.3
3.983
173.4
0.001
95.5
0.994
−2.4
100
0.994
−10.9
3.943
167.5
0.001
93.6
0.991
−5.0
200
0.976
−21.6
3.878
154.7
0.003
74.3
0.984
−9.7
300
0.957
−31.7
3.722
143.3
0.004
70.0
0.979
−14.2
400
0.934
−41.7
3.614
131.6
0.005
63.5
0.975
−18.8
500
0.907
−51.1
3.446
120.4
0.006
62.2
0.969
−23.2
600
0.885
−59.1
3.240
110.9
0.005
59.6
0.964
−27.4
700
0.851
−66.8
3.072
100.9
0.005
64.8
0.961
−31.6
800
0.826
−73.9
2.891
91.3
0.004
67.8
0.959
−35.9
900
0.797
−80.7
2.733
81.9
0.004
85.0
0.958
−40.0
1000
0.773
−87.0
2.569
72.8
0.004
102.9
0.958
−44.2
f
(MHz)
Fmin
(dB)
Γopt
rn
(ratio)
(deg)
VDS =8V; VG2-S =4V; ID = 10 mA; Tamb =25 °C.
800
1.50
0.720
56.7
0.580
VDS =8V; VG2-S =4V; ID = 15 mA; Tamb =25 °C.
800
1.50
0.700
59.2
0.520
Rev. 03 - 14 November 2007
6 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com