Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD4.7JS Datasheet(PDF) 4 Page - NEC

Part # RD4.7JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD4.7JS Datasheet(HTML) 4 Page - NEC

  RD4.7JS Datasheet HTML 1Page - NEC RD4.7JS Datasheet HTML 2Page - NEC RD4.7JS Datasheet HTML 3Page - NEC RD4.7JS Datasheet HTML 4Page - NEC RD4.7JS Datasheet HTML 5Page - NEC RD4.7JS Datasheet HTML 6Page - NEC RD4.7JS Datasheet HTML 7Page - NEC RD4.7JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RD4.7JS to RD39JS
4
Data Sheet D13937EJ5V0DS00
TYPICAL CHARACTERISTICS (TA = 25
°C)
Fig. 1 Iz-Vz CHARACTERISTICS
Fig. 2 Iz-Vz CHARACTERISTICS
Fig. 3 Iz-Vz CHARACTERISTICS
Fig. 4 Iz-Vz CHARACTERISTICS
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0123
4
Zener Voltage VZ (V)
56
78
9
TA = 25
°C
TYP.
RD4.7JS
RD7.5JS
RD8.2JS
RD5.1JS
RD5.6JS
RD6.2JS
RD6.8JS
µ
µ
µ
0789
10
Zener Voltage VZ (V)
11
12
13
14
15
TA = 25
°C
TYP.
RD9.1JS
RD10JS
RD12JS
RD13JS
RD15JS
RD11JS
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ
0
121416
18
Zener Voltage VZ (V)
20
22
24
26
28
TA = 25
°C
TYP.
RD16JS
RD20JS
RD24JS
RD18JS
RD22JS
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ
0
242628
30
Zener Voltage VZ (V)
32
34
36
38
40
TA = 25
°C
TYP.
RD27JS RD30JS RD33JS
RD39JS
RD36JS
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com