Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP303 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCP303
Description  AC/DC Current Measurement Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCP303 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Measurement errors and manual calculations
are now a thing of the past
With this new series of current measurement tools, automatic control and
on-screen scaling and units is provided for users of Tektronix TDS3000,
TDS500, TDS600, TDS700, TDS5000, TDS6000, and TDS7000B series
oscilloscope systems (the DPO3000, MDO/MSO/DPO4000, MSO/
DPO5000, and DPO7000 series oscilloscopes, the TPA-BNC adapter is
required).
The TCP300/TCP400 current measurement systems seamlessly integrate
with your TDS series oscilloscope.
Even non-TEKPROBE systems can use the TCPA300/400 series to make
proper current measurements by simply multiplying the measured output
voltage on the oscilloscope by the TCPA300/400 series range setting.
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
TCP312A w/ TCPA300
TCP305A w/ TCPA300
TCP303 w/ TCPA300
TCP404XL w/ TCPA400
Bandwidth
DC – 100 MHz
DC – 50 MHz
DC – 15 MHz
DC – 2 MHz
Rise time
≤3.5 ns
≤7 ns
≤23 ns
≤175 ns
DC accuracy
±3% of reading
±3% of reading
±3% of reading
±3% of reading
DC accuracy, typical
±1% of reading
±1% of reading
±1% of reading
±1% of reading
Lowest measurable current (at ±3%
accuracy at DC)
Scope set to 1 mV/div and 20 MHz
BW limited
1 mA
5 mA
5 mA
1 A
Maximum Amp-Second product,
typical (Based on amplifier range
setting)
50 A*μS – 1 A/V
500 A*μS – 10 A/V
500 A*μS – 5 A/V
NA – 10 A/V
3,000 A*μS – 5 A/V
15,000 A*μS – 50 A/V
NA – 1 A/mV
Maximum wire voltage, bare
insulated
150 V CAT II
300 V CAT II
150 V CAT II
300 V CAT II
600 V CAT I & II
300 V CAT III
600 V CAT I & II
300 V CAT III
AC-coupling low-frequency
Bandwidth, typical (Low pass – 3 dB
point)
<7 Hz
<7 Hz
<7 Hz
<7 Hz
Displayed RMS noise, typical (at
20 MHz bandwidth limit)
≤250 μARMS
≤1.25 mA RMS
≤2.5 mARMS
≤250 mARMS
Signal delay (to output BNC)
17 ns
19 ns
40 ns
80 ns
Insertion impedance
0.11 Ω at 1 MHz
0.12 Ω at 10 MHz
0.35 Ω at 50 MHz
0.7 Ω at 100 MHz
0.02 Ω at 1 MHz
0.1 Ω at 10 MHz
0.35 Ω at 50 MHz
0.01 Ω at 1 MHz
0.025 Ω at 5 MHz
0.1 Ω at 15 MHz
0.1 m Ω at 10 kHz
0.6 m Ω at 100 kHz
8 m Ω at 1 MHz
16 m Ω at 2 MHz
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com