Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD310IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TD310IDT
Description  TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TD310IDT Datasheet HTML 1Page - STMicroelectronics TD310IDT Datasheet HTML 2Page - STMicroelectronics TD310IDT Datasheet HTML 3Page - STMicroelectronics TD310IDT Datasheet HTML 4Page - STMicroelectronics TD310IDT Datasheet HTML 5Page - STMicroelectronics TD310IDT Datasheet HTML 6Page - STMicroelectronics TD310IDT Datasheet HTML 7Page - STMicroelectronics TD310IDT Datasheet HTML 8Page - STMicroelectronics TD310IDT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TD310
3/9
ELECTRICAL CHARACTERISTICS
V
CC = 15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current with Inputs in High State
1.5
2
mA
LOGIC INPUT (all inputs)
VIH
High Input Voltage
2
V
VIL
Low Input Voltage
0.8
V
IIH
High Input Current
10
pA
IIL
Low Input Current
10
pA
tdH, teL
tdL, teH
Propagation Delay (10% input to 10% output)
Output Delay
Output Delay
Tmin. ≤ Tamb ≤ Tmax.
200
60
400
400
ns
tli
Input Inhibiting Time
100
ns
tdd
Differential Delay Time Between Channels
20
ns
OUTPUT DRIVERS
Vsod
Sourcing Drop Voltage (A/B/C outputs)
Isource = 200mA
3V
Vsid
Sinking Drop Voltage (A/B/C outputs)
Isink = 200mA
5V
Vdem
Demagnetizing Drop Voltage (A/B/C outputs)
Idemag. = 100mA
2V
Ropd
Output Pull Down Resistor
47
k
Ω
ALARM OUTPUT
Is
Low Level Sinking Current
VO = 0.8V
535
mA
Ish
High Level Sinking Current
1
µA
tA
Alarm Output : Delay Time to Alarm Fall if Sense Input Triggered
500
ns
SENSE INPUT
Vios
Input Offset Voltage
20
mV
tAi
Inhibition Time if Sense Input Triggered
1
ms
ts
Delay Time to Output Fall if Sense Input Triggered
All outputs inhibited
600
ns
tsi
Inhibition Time of Sense Input
300
ns
Vshys
Sense Hysteresis
40
mV
OPERATIONAL AMPLIFIER
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V
Vio
Input Offset Voltage
10
mV
GBP
Gain Bandwidth Product
1
MHz
Avd
Open Loop Gain
60
dB
SR
Slew Rate at Unity Gain (RL = 100kΩ, CL = 100pF, Vi = 3 to 7V)
0.6
V/
µs
STAND-BY
Vstdby
Standby Mode Threshold Voltage
0.3
1.1
V
Istdby
Standby Mode Supply Current
30
µA
UNDER VOLTAGE LOCKOUT
Iadj
Under Voltage Level Adjust Current
1
µA/V
Vst1
Internal Stop Threshold (without external adjustment)
10.7
13.3
V
Vhys
Threshold Hysteresis
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com