Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7473 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7473
Description  QUAD BTL DRIVER WITH VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7473 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7473 Datasheet HTML 1Page - STMicroelectronics TDA7473 Datasheet HTML 2Page - STMicroelectronics TDA7473 Datasheet HTML 3Page - STMicroelectronics TDA7473 Datasheet HTML 4Page - STMicroelectronics TDA7473 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PIN FUNCTIONS
N. Pin
Name
Description
1
5V
5V regulated input
2
VSUP
Positive power supply (battery)
3
OUT1-
1.st channel negative output
4
VS1
1.st channel power supply
5
OUT1+
1.st channel positive output
6
OC
Overcurrent sense input
7
GND
Ground
8
GND
Ground
9
ADJ
Regulated voltage adjust input
10
OUT2+
2.nd channel positive output
11
VS2
2.nd channel power supply
12
OUT2_
2.nd channel negative output
13
ST_BY
Stand_by
14
REG
Regulated voltage output
15
COMM
Common negative input
16
IN2
Positive input for the 2.nd channel
17
OUT3-
3.rd channel negative output
18
VS3
3.rd channel power supply
19
OUT3+
3.rd channel positive output
20
IN3
Positive input for the 3.rd channel
21
GND
Ground
22
GND
Ground
23
IN4
Positive input for the 4.th channel
24
OUT4+
4.th channel positive output
25
VS4
4.th channel power supply
26
OUT4-
4.th channel negative output
27
IN1
Positive input for the 1.st channel
28
DRIV
Pass transistor driver
5V
VSUP
OUT1-
VS1
OUT1+
GND
IN1
GND
IN2
IN3
GND
GND
OUT4+
IN4
OC
VS4
OUT4-
DRIV
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
OUT2+
OUT3+
D95AU310A
COMM
VS2
OUT2-
OUT3-
VS3
ST_BY
11
12
13
18
16
17
15
14
ADJ
REG
PIN CONNECTION (Top view)
TDA7473
2/5
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com