Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T222011 Datasheet(PDF) 1 Page - E-SWITCH

Part # T222011
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T222011 Datasheet(HTML) 1 Page - E-SWITCH

  T222011 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MDP2T2B2M6RE
6/24/2014
T222011
A
EBP
1
1
P.C. MOUNTING
PANEL MOUNTING
9.14
[.360 in]
2
1
3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3, 5-6
N/A
2-1, 5-4
A
21490
RELEASED FOR PRODUCTION
6/24/14
EBP
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA AT 20V AC OR DC
6. ELECTRIC LIFE: 30,000 CYCLES
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. CONTACT RESISTANCE: 20 MILLI-OHM INITIAL
E-LOGO ON
OPPOSITE SIDE
CIRCUIT: DPDT
5
4
6
4.01
[.158 in]
5.08
[.200 in]
2.54
[.100 in]
.76
[.030 in]
5.59
[.220 in]
8.13
[.320 in]
.51
[.020 in]
2.54
[.100 in]
3.30
[.130 in]
2.54
[.100 in]
5.08
[.200 in]
2.54
[.100 in]
n
EPOXY
SEAL
5.08
[.200 in]
[REF]
2.54
[.100 in]
n1.09
[.043 in]
.41
[.016 in]
.76
[.030 in]
4.60
[.181 in]
FLAT
4
5
6
3
6
1
2
3
4
5
6
RATING
5.1
[.20 in]
n 4.95
[.195 in]
5.08
[.200 in]
4.93
[.194 in]
25°
POS. 1
POS. 3
POS. 2
6.00
[.236 in]
4.55
[.179 in]
(ON) = MOMENTARY
2.09
[.082 in]


Similar Part No. - T222011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T222010 E-SWITCH-T222010 Datasheet
32Kb / 1P
All Dimension In MM
More results

Similar Description - T222011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com