Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS05DTP03 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS05DTP03
Description  Dual NPN-PNP complementary bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS05DTP03 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STS05DTP03 Datasheet HTML 2Page - STMicroelectronics STS05DTP03 Datasheet HTML 3Page - STMicroelectronics STS05DTP03 Datasheet HTML 4Page - STMicroelectronics STS05DTP03 Datasheet HTML 5Page - STMicroelectronics STS05DTP03 Datasheet HTML 6Page - STMicroelectronics STS05DTP03 Datasheet HTML 7Page - STMicroelectronics STS05DTP03 Datasheet HTML 8Page - STMicroelectronics STS05DTP03 Datasheet HTML 9Page - STMicroelectronics STS05DTP03 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
STS05DTP03
8/10
SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.28
0.48
c0.17
0.23
D4.804.90
5.00
E5.80
6.00
6.20
E1
3.80
3.90
4.00
e1.27
h0.25
0.50
L0.40
1.27
L1
1.04
k0°
8°
ccc
0.10
0016023_D
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com