Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5516-TN5-R Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # UR5516-TN5-R
Description  3A BUS TERMINATION REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5516-TN5-R Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  UR5516-TN5-R Datasheet HTML 1Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 2Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 3Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 4Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 5Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 6Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 7Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 8Page - E-Tech Electronics LTD UR5516-TN5-R Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UR5516
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R101-015,D
ELECTRICAL CHARACTERISTICS(TJ=25°C,VCNTL=3.3V,VIN=2.5V/1.8V,VREF=0.5VIN,unless
otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
IOUT=0A
VREF
V
System Accuracy
Over temperature, VOUT offset, and load
regulation
-20
20
mV
IOUT=+10mA
-20
Offset Voltage (VOUT–VREF)
VO(OFF)
IOUT=-10mA
20
mV
IOUT=+10mA ~ +3A
2
Load Regulation
∆VOUT
IOUT= -10mA ~ -3A
2
%
TJ=25°C
+3
+3.6
Sourcing Current (VIN=2.5V)
TJ=125°C
+3.1
TJ=25°C
-3
-3.6
Sinking Current (VIN=2.5V)
TJ=125°C
-3.1
TJ=25°C
+2.9
+3.2
Sourcing Current (VIN=1.8V)
TJ=125°C
+2.6
TJ=25°C
-2.9
-3.2
Current Limit
ILIMIT
Sinking Current (VIN=1.8V)
TJ=125°C
-2.6
A
Thermal Shutdown Temperature
TSHDN Rising TJ
183
°C
Thermal Shutdown Hysteresis
THYS
42
°C
IOUT=0A
1
2
3
IOUT=±3A (Normal Operation)
50
110
VCNTL Supply Current
ICNTL
VREF=GND (Shutdown)
2.0
mA
VREF=1.25V/0.9V (Normal Operation)
200
500
nA
VREF Bias Current (The current
flows out of VREF)
IBIAS
VREF=GND (Shutdown)
20
40
µA
Shutdown Threshold Voltage
VSHDN
0.2
0.35
0.65
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com